PART |
Description |
Maker |
MX7837 MX7837AN MX7837AQ MX7837AR MX7837BN MX7837B |
DUAL, PARALLEL, 8 BITS INPUT LOADING, 4 us SETTLING TIME, 12-BIT DAC, PDIP24 From old datasheet system Complete Dual 12-Bit Multiplying DACs Complete / Dual / 12-Bit Multiplying DACs Complete, Dual, 12-Bit Multiplying DACs Complete, Dual, 12-Bit Multiplying DAC with 8-Bit Bus Interface
|
MAXIM INTEGRATED PRODUCTS INC Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
AD7520JN AD7531 AD7531KN AD7530 AD7521 AD7521KN AD |
320 x 240 pixel format, LED or CFL Backlight 10位,12位,乘法D / A转换 10-Bit, 12-Bit, Multiplying D/A Converters PARALLEL, WORD INPUT LOADING, 1 us SETTLING TIME, 12-BIT DAC, PDIP18 Replaced by ADS8505 : 16-Bit 10us Sampling CMOS Analog-to-Digital Converter 28-SOIC 10-Bit/ 12-Bit/ Multiplying D/A Converters
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
MAX552 MAX551ACUB MAX551BEUB MAX551 MAX551ACPA MAX |
3V/ 5V, 12-Bit, Serial, Multiplying DACs in 10-Pin レMAX Package SERIAL INPUT LOADING, 0.08 us SETTLING TIME, 12-BIT DAC, PDIP8 3V/ 5V / 12-Bit / Serial / Multiplying DACs in 10-Pin MAX Package 3V/ 5V, 12-Bit, Serial, Multiplying DACs in 10-Pin μMAX Package 3V/ 5V 12-Bit Serial Multiplying DACs in 10-Pin MAX Package 3V/ 5V, 12-Bit, Serial, Multiplying DACs in 10-Pin MAX Package
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] Maixm MAXIM - Dallas Semiconductor
|
AD7845 AD7845AQ AD7845AR AD7845BQ AD7845BR AD7845J |
0.3-17V; 650mW; LC2MOS complete 12-bit multiplying DAC. For automatic test equipment, digital attenuators, programmable power supplies Complete 12-Bit CMOS Multiplying DAC
|
Analog Devices http://
|
AM27C040-95DC AM27C040-95DI AM27C040-95EC AM27C040 |
x8 EPROM Serial 16-Bit Multiplying DACs; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C Serial 16-Bit Multiplying DACs; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C Serial 16-Bit Multiplying DACs; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C Serial 16-Bit Multiplying DACs; Package: PDIP; No of Pins: 8; Temperature Range: -40°C to 85°C Active RC, 4th Order Lowpass Filter Family; Package: SSOP; No of Pins: 16; Temperature Range: -40°C to 85°C Dual Serial 12-Bit Multiplying DAC; Package: SO; No of Pins: 16; Temperature Range: 0°C to 70°C Serial 16-Bit Multiplying DACs; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C x8存储
|
Amphenol, Corp.
|
AD752002 AD7521LN AD7520 AD7520JN AD7521 |
10-Bit, 12-Bit, Multiplying D/A Converters D/A Converter, 10-Bit, Multiplying, 1MHz D/A Converter, 12-Bit, Multiplying, 10-Bit Linearity, 1MHz
|
INTERSIL[Intersil Corporation]
|
AM29LV641DH101RZI AM29LV640DU101RZI AM29LV640DH101 |
RF Coaxial Connector Adapter; Convert From:TNC Plug; Convert To:N Jack RoHS Compliant: Yes RF Coaxial Connector Adapter; Convert From:TNC Plug; Convert To:BNC Jack RoHS Compliant: Yes 8 Characters x 2 Lines, 5x7 Dot Matrix Character and Cursor CONTROLLERS,TYPE 4950 7-DAY PROGRAMMABLE CONTROLLERS,CONTROLLERS,PHOTOMOS RELAY,CONTROLLERS,4950 SERIES 7-DAY PROGRAMMABLE CONTROLLERS ,ARTISAN CONTROLS RoHS Compliant: Yes 64 Megabit (4 M x 16-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory with VersatileI Control 64兆位个M x 16位).0伏的CMOS只均匀部门闪光控制记忆与VersatileI 64 Megabit (4 M x 16-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory with VersatileI Control 4M X 16 FLASH 3V PROM, 120 ns, PDSO56 64 Megabit (4 M x 16-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory with VersatileI Control 64兆位个M x 16位).0伏的CMOS只均匀部门闪光控制记忆VersatileI 64 Megabit (4 M x 16-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory with VersatileI Control 4M X 16 FLASH 3V PROM, 120 ns, PBGA63
|
Advanced Micro Devices, Inc. ADVANCED MICRO DEVICES INC
|
1269 |
BNC Coaxial Connector; Convert From:BNC Jack; Convert To:Dual Banana Plug; Body Material:Brass; Contact Material:Beryllium Copper; Contact Plating:Gold; Voltage Rating:500V INTERCONNECTION DEVICE
|
Pomona Electronics
|
AD5425 AD5425YRM-REEL7 AD5425YRM-REEL |
High Bandwidth, CMOS 8-Bit Serial Interface Multiplying D/A Converter 8-Bit, High Bandwidth Multiplying DAC with Serial Interface
|
Analog Devices, Inc.
|
74ACT16240 74ACT16240MTD 74ACT16240SSC 74ACT16240M |
Complete, Dual, 12-Bit Multiplying DAC with 8-Bit Bus Interface 16-Bit Inverting Buffer/Line Driver with 3-STATE Outputs From old datasheet system
|
FAIRCHILD SEMICONDUCTOR CORP FAIRCHILD[Fairchild Semiconductor]
|
D MX7578TD MX7578KP MX7578TQ MX7578KCWG MX7578KEWG |
cmos 10 and 12 Bit Multiplying D/A Converters Calibrated 12-Bit A/D Converter
|
MAXIM - Dallas Semiconductor Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] Maixm Maxim Integrated Produc...
|